PART |
Description |
Maker |
CD40116 |
CMOS High Speed 8-Bit Bidirectional CMOS/TTL Interface Level Converter
|
RCA Solid State
|
CD40116 CD40116H |
CMOS HIGH-SPEED 8-BIT BIDIRECTIONAL CMOS/TTL INTERFACE LEVEL CONVERTER CMOS High Speed 8-Bit Bidirectional CMOS/TTL Interface Level Converter
|
HARRIS[Harris Corporation] Harris Semiconductor
|
CD4504BMS FN3336 CD4504BKMSR |
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation; Temperature Range: -; Package: 16-FlatPack HEX TTL/CMOS TO CMOS TRANSLATOR, TRUE OUTPUT, CDFP16 From old datasheet system Single, Strobed, High Speed Differential Comparator with Push-Pull Outputs 8-SOIC 0 to 70
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ADG3246BCP-U1 ADG3246BRU-U1 ADG3246BRUZ-REEL7 ADG3 |
2.5 V/3.3 V, 10-Bit, 2-Port Level Translating, Bus Switch 2.5 V/3.3 V, 10 Bit, 2 Port Level Translator, Bus Switch; Package: LFCSP (4x4mm w/2.10mm EP); No of Pins: 24; Temperature Range: Industrial 3246 SERIES, 10-BIT DRIVER, TRUE OUTPUT, QCC24
|
Analog Devices, Inc.
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
M34225M1 M34225M1-XXXFP M34225M1-XXXSP M34225M2-XX |
SINGLE-CHIP 4-BIT CMOS MICRCOMPUTERl MICROCONTROLLER,4-BIT,CMOS,SOP,36PIN,PLASTIC MICROCONTROLLER,4-BIT,CMOS,SDIP,30PIN,PLASTIC From old datasheet system
|
Mitsubishi Electric Corporation Mitsubishi Electric & Electronics USA MITSUBISHI[Mitsubishi Electric Semiconductor]
|